PART |
Description |
Maker |
IRGC14C40LD IRGC14C40LC IRGC14C40LB IRGC14C40LBPBF |
TRANSISTOR | IGBT | N-CHAN | 430V V(BR)CES | CHIP 14 A, 370 V, N-CHANNEL IGBT
|
|
FGA25N120 FGA25N120AN FGA25N120ANTU |
Discrete, NPT IGBT TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,25A
|
FAIRCHILD[Fairchild Semiconductor]
|
IRGC5B120UB |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP
|
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
CT20AS8 |
TRANSISTOR | IGBT | N-CHAN | 450V V(BR)CES | 130A I(C) | TO-252 晶体管| IGBT的|正陈| 450V五(巴西)国际消费电子展| 130A条一(c)|52
|
Mitsubishi Electric, Corp.
|
IRGPC50U |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 55A I(C) | TO-247AC 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 55A条一(c)|47AC
|
International Rectifier, Corp.
|
CT15AM24E |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 15A I(C) | TO-247VAR 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|5A一(c)|47VAR
|
Chicago Miniature Lighting, LLC
|
IXGA15N120C |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 30A I(C) | TO-263AA 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 30A条一(c)|63AA
|
IXYS, Corp.
|
FF100R06KF |
TRANSISTOR | IGBT | N-CHAN | DUAL | 600V V(BR)CES | 100A I(C) | M:HL080HD5.3 晶体管| IGBT的|正陈|双| 600V的五(巴西)国际消费电子展| 100号A一(c)|米:HL080HD5.3
|
Infineon Technologies AG
|
FF300R12KF2 |
TRANSISTOR | IGBT | N-CHAN | DUAL | 1.2KV V(BR)CES | 300A I(C) | M:HL093HW060 晶体管| IGBT的|正陈|双| 1.2KV五(巴西)国际消费电子展| 300一(c)|米:HL093HW060
|
Infineon Technologies AG
|
GT5J331_SM GT5J311 GT5J331SM GT5J311SM |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-263AB N CHANNEL IGBT(HIGH POWER SWITCHING/ MOTOR CONTROL APPLICATIONS) N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|